|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Extract from the online catalog DFK-MSTB 2,5/10-G-5,08 Order No.: 0707316 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0707316 Plug component, Nominal current: 12 A, Nom. voltage: 320 V, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 10, Color: green, Assembly: Direct mounting Product notes Commercial data EAN Pack Customs tariff Weight/Piece Catalog page information 4017918004088 50 pcs. 85366990 0.01028 KG Page 284 (CC-2009) http:// www.download.phoenixcontact.com Please note that the data given here has been taken from the online catalog. For comprehensive information and data, please refer to the user documentation. The General Terms and Conditions of Use apply to Internet downloads. WEEE/RoHS-compliant since: 01/01/2003 Technical data Dimensions / positions Pitch Dimension a Number of positions 5.08 mm 45.72 mm 10 PHOENIX CONTACT Inc., USA http://www.phoenixcon.com Page 1 / 6 Feb 15, 2010 DFK-MSTB 2,5/10-G-5,08 Order No.: 0707316 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0707316 Technical data Insulating material group Rated surge voltage (III/3) Rated surge voltage (III/2) Rated surge voltage (II/2) Rated voltage (III/2) Rated voltage (II/2) Connection in acc. with standard Nominal current IN Nominal voltage UN Nominal cross section Maximum load current Insulating material Inflammability class acc. to UL 94 Max. current slip-on connection Dimensions of slip-on connection Connection data Conductor cross section solid min. Conductor cross section solid max. Conductor cross section stranded min. Conductor cross section stranded max. Conductor cross section AWG/kcmil min. Conductor cross section AWG/kcmil max Certificates / Approvals 0.2 mm 2.5 mm 0.2 mm 2.5 mm 24 12 I 4 kV 4 kV 4 kV 320 V 630 V EN-VDE 12 A 320 V 2.5 mm 12 A PA V2 8A 2.8 x 0.8 mm Certification CSA Nominal voltage UN Nominal current IN CB, CSA, CUL, GOST, UL, VDE-PZI 300 V 10 A PHOENIX CONTACT Inc., USA http://www.phoenixcon.com Page 2 / 6 Feb 15, 2010 DFK-MSTB 2,5/10-G-5,08 Order No.: 0707316 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0707316 CUL Nominal voltage UN Nominal current IN UL Nominal voltage UN Nominal current IN Accessories Item Assembly 5030172 0708263 1755477 DFK-MSTB-R DFK-MSTB-SS MSTB-BL Locking latch, red insulating material, for housings MSTB 2.5/...ST and MSTBT 2.5/...ST Screw set, for securing the header to the device wall, consists of an M3 x 10 screw, with a spring washer and a nut Keying cap, for forming sections, plugs onto header pin, green insulating material Designation Description 300 V 10 A 300 V 10 A Plug/Adapter 1734401 CR-MSTB Coding section, inserted into the recess in the header or the inverted plug, red insulating material Additional products Item General 1872774 A-ICV 2,5/10-G-5,08 Base strip, Nominal current:12 A, Nominal voltage:250 V, Mounting type:DIN rail mounting, Number of positions:10, Pitch:5.08 mm, Color:green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Springcage conn., Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Springcage conn., Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Springcage conn. Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Springcage conn. Designation Description 1873139 FKC 2,5/10-ST-5,08 1902194 FKCT 2,5/10-ST-5,08 1874031 FKCVR 2,5/10-ST-5,08 1873731 FKCVW 2,5/10-ST-5,08 PHOENIX CONTACT Inc., USA http://www.phoenixcon.com Page 3 / 6 Feb 15, 2010 DFK-MSTB 2,5/10-G-5,08 Order No.: 0707316 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0707316 1777361 FRONT-MSTB 2,5/10-ST-5,08 Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 10, Assembly: Soldering Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 10, Color: green, Assembly: Soldering Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Crimp connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Crimp connection Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 10 A, Nom. voltage: 500 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Insulation displacement connection QUICKON, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw connection 1786488 1786022 1757093 IC 2,5/10-G-5,08 ICV 2,5/10-G-5,08 MSTB 2,5/10-ST-5,08 1764303 MSTB 2,5/10-STZ-5,08 1808890 MSTBC 2,5/10-ST-5,08 1809585 MSTBC 2,5/10-STZ-5,08 1769094 MSTBP 2,5/10-ST-5,08 1781069 MSTBT 2,5/10-ST-5,08 1792320 MVSTBR 2,5/10-ST-5,08 1792838 MVSTBW 2,5/10-ST-5,08 1883336 QC 1/10-ST-5,08 1826364 SMSTB 2,5/10-ST-5,08 1853094 TMSTBP 2,5/10-ST-5,08 PHOENIX CONTACT Inc., USA http://www.phoenixcon.com Page 4 / 6 Feb 15, 2010 DFK-MSTB 2,5/10-G-5,08 Order No.: 0707316 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0707316 Diagrams/Drawings Drilling plan/solder pad geometry Dimension b = 3.02 mm + (no. of pos. x 5.08 mm) Dimension c = Dim. b + 7.14 mm Dimensioned drawing PHOENIX CONTACT Inc., USA http://www.phoenixcon.com Page 5 / 6 Feb 15, 2010 DFK-MSTB 2,5/10-G-5,08 Order No.: 0707316 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0707316 Address PHOENIX CONTACT Inc., USA 586 Fulling Mill Road Middletown, PA 17057,USA Phone (800) 888-7388 Fax (717) 944-1625 http://www.phoenixcon.com (c) 2010 Phoenix Contact Technical modifications reserved; PHOENIX CONTACT Inc., USA http://www.phoenixcon.com Page 6 / 6 Feb 15, 2010 |
Price & Availability of 0707316 |